| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M35053 bảng dữ liệu(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M35053 bảng dữ liệu(HTML) 7 Page - Renesas Technology Corp |
|
7 / 40 page ![]() M35053-XXXSP/FP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS MITSUBISHI MICROCOMPUTERS 6 Status 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 DA 0~C 0 1 2 3 4 5 6 7 8 9 A B C Name C0 (LSB) C1 C2 C3 C4 C5 C6 C7 (MSB) EC0 EC1 EC2 BLINK REV Contents Function Set ROM-held character code of a character needed to display. When EFILD1, 0=1, 0 or 0, 1, set code of the data needed to encode. When RGBON=1, set background color by character unit. No blinking Blinking Normal character Reversed character Remarks Refer to encode function. Refer to supplemental explanation (4). Refer to BLINK2 to 0 (address F516) __ Note. Resetting at the AC pin RAM-erases the display RAM, and the status turns as indicated by the mark around in the status column. Display RAM DESCRIPTION Display RAM Address 0016 to EF16 |