| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HA17901AFP bảng dữ liệu(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HA17901AFP bảng dữ liệu(HTML) 3 Page - Renesas Technology Corp |
|
3 / 16 page ![]() HA17901A Series Rev.1.00 Mar 10, 2006 page 3 of 15 Pin Arrangement 1 2 3 4 5 6 7 14 13 12 11 10 9 8 − + 1 − + 4 − + 2 − + 3 (Top view) Vout3 Vout4 GND Vin(+)4 Vin( −)4 Vin(+)3 Vin( −)3 Vout2 Vout1 VCC Vin( −)1 Vin(+)1 Vin( −)2 Vin(+)2 Circuit Structure (1/4) Q2 Q3 Q4 Q1 Q5 Q6 Q7 Q8 Vout Vin(+) Vin( −) VCC Note: If Input/Output terminals voltage over the absolute maximum ratings, there is possibility of mis-operation, characteristics deterioration and destruction, because of the current’s flowing to parasitic diode in IC. The Input/Output terminals are recommended to be protected with the clamp circuit which using the diode with low forward voltage (like schottky barrier diode) when there is a possibility for the Input/Output terminals voltage exceeds the absolute maximum ratings. |