công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HA17358AF bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp

tên linh kiện HA17358AF
Giải thích chi tiết về linh kiện  Dual Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17358AF bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp

  HA17358AF Datasheet HTML 1Page - Renesas Technology Corp HA17358AF Datasheet HTML 2Page - Renesas Technology Corp HA17358AF Datasheet HTML 3Page - Renesas Technology Corp HA17358AF Datasheet HTML 4Page - Renesas Technology Corp HA17358AF Datasheet HTML 5Page - Renesas Technology Corp HA17358AF Datasheet HTML 6Page - Renesas Technology Corp HA17358AF Datasheet HTML 7Page - Renesas Technology Corp HA17358AF Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HA17358A Series
Rev.4.00 Mar 10, 2006 page 2 of 7
Pin Arrangement
− +
Vout1
Vin(
−)1
Vin(+)1
GND
VCC
Vout2
Vin(
−)2
Vin(+)2
+
−
8
7
6
5
1
2
3
4
(Top View)
1
2
Circuit Schematic (1/2)
Q1
Q4
Q2
Q3
Q5
Q6
Q7
Q13
Q12
Q11
Q10
Q8
Q9
Vout
R1
Vin(+)
Vin(
−)
C
Note:
If Input/Output terminals voltage over the absolute maximum ratings, there is possibility of mis-operation,
characteristics deterioration and destruction, because of the current’s flowing to parasitic diode in IC.
The Input/Output terminals are recommended to be protected with the clamp circuit which using the diode with
low forward voltage (like schottky barrier diode) when there is a possibility for the Input/Output terminals
voltage exceeds the absolute maximum ratings.



Html Pages

1 2 3 4 5 6 7 8