công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HA16141FP bảng dữ liệu(PDF) 6 Page - Renesas Technology Corp

tên linh kiện HA16141FP
Giải thích chi tiết về linh kiện  PFC and PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16141FP bảng dữ liệu(HTML) 6 Page - Renesas Technology Corp

Back Button HA16141FP Datasheet HTML 2Page - Renesas Technology Corp HA16141FP Datasheet HTML 3Page - Renesas Technology Corp HA16141FP Datasheet HTML 4Page - Renesas Technology Corp HA16141FP Datasheet HTML 5Page - Renesas Technology Corp HA16141FP Datasheet HTML 6Page - Renesas Technology Corp HA16141FP Datasheet HTML 7Page - Renesas Technology Corp HA16141FP Datasheet HTML 8Page - Renesas Technology Corp HA16141FP Datasheet HTML 9Page - Renesas Technology Corp HA16141FP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
HA16141P/FP, HA16142P/FP
Rev.5.00 Jun 15, 2005 page 6 of 17
Electrical Characteristics
(Ta = 25
°C, V
CC = 14 V)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Start threshold
VH
12.2
13.0
13.8
V
Shutdown threshold
VL
9.4
10.0
10.6
V
UVLO hysteresis
dVUVL
2.6
3.0
3.4
V
Start-up current
IS
150
200
300
µA
VCC = 12V
Is temperature stability
dIS/dTa
–
–0.3
–
%/
°C
*
1
Operating current
ICC
4
7
9
mA
IAC = 100
µA, CL = 0F
Latch current
ILATCH
230
310
375
µA
VCC = 9V
Shunt zener voltage
VZ
21.2
22.2
23.2
V
ICC = 14mA
Supply
Vz temperature
stability
dVZ/dTa
–
+4
–
mV/
°C
ICC = 14mA *
1
Minimum duty cycle
Dmin-pfc
–
–
0
%
CAO = 3.6V
Maximum duty cycle
Dmax-pfc
90
95
98
%
CAO = 0V
Rise time
tr-pfc
–
30
100
ns
CL = 1000p
Fall time
tf-pfc
–
30
100
ns
CL = 1000p
Peak current
Ipk-pfc
–
1.5
–
A
CL = 0.01
µF *1
Vol1-pfc
–
0.05
0.2
V
Iout = 20mA
Vol2-pfc
–
0.35
1.4
V
Iout = 200mA
Low voltage
Vol3-pfc
–
0.03
0.7
V
Iout = 10mA, VCC = 5V
Voh1-pfc
13.5
13.9
–
V
Iout =
−20mA
PFC-OUT
High voltage
Voh2-pfc
12.6
13.3
–
V
Iout =
−200mA
Minimum duty cycle
Dmin-pwm
–
–
0
%
PWM-EO = 1.3V
PWM-CS = 0V
72
80
88
%
PWM-EO = 5V
PWM-CS = 0V *
2
Maximum duty cycle
Dmax-pwm
42.5
46
49.5
%
PWM-EO = 5V
PWM-CS = 0V *
3
Rise time
tr-pwm
–
30
100
ns
CL = 1000p
Fall time
tf-pwm
–
30
100
ns
CL = 1000p
Peak current
Ipk-pwm
–
1.0
–
A
CL = 0.01
µF *1
–
0.05
0.2
V
Iout = 20mA
–
0.5
2.0
V
Iout = 200mA
Low voltage
Vol1-pwm
Vol2-pwm
Vol3-pwm
–
0.03
0.7
V
Iout = 10mA, VCC = 5V
13.5
13.9
–
V
Iout =
−20mA
PWM-OUT
High voltage
Voh1-pwm
Voh2-pwm
12.0
13.0
–
V
Iout =
−200mA
Output voltage
Vref
4.9
5.0
5.1
V
Isource = 1mA
Line regulation
Vref-line
–
5
20
mV
Isource = 1mA
VCC = 12V to 18V
Load regulation
Vref-load
–
5
20
mV
Isource = 1mA to 20mA
VREF
Temperature stability
dVref
–
80
–
ppm/
°C Ta = −40 to 105°C *1
Notes: 1. Design spec.
2. Apply to HA16141.
3. Apply to HA16142.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com