| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STV8203D bảng dữ liệu(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV8203D bảng dữ liệu(HTML) 19 Page - STMicroelectronics |
|
19 / 31 page ![]() AO-STAT2 (AUTOSTANDARD Status 2 ; NICAM) Address : 0D Type : R bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 NIC-DET F-MUTE LOA NICAM CBI N-MUTE NIC-DET : NICAM detected indicates a valid NICAM signal found (1 = detected). F-MUTE : Frame Mute indicates the NICAM decoder is muted because the superframe alignment has been lost. LOA : Loss of frame Alignment word indicates loss of alignment to the frame alignment word in the NICAM decoder; the bit error rate is too high or no signal is present. NICAM CBI : indicates the received NICAM control bits with the following interpretation : CBI[4:1] Nicam Signal Description X000 Stereo X001 ch1 = mono, ch2 = data X010 Dual Mono X011 704Kbit/s data X1XX FM selected during additional coding options 0XXX Nicam different to FM mono 1XXX Nicam mono(M1) or stereo = FM mono N-MUTE : NICAM Mute indicates that the NICAM decoder is muted (it may be unmuted by AO-CONTROL bit 5). PROGRAMMING THE DEVICE (continued) STV8203 19/31 |