| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9958/PCBZ bảng dữ liệu(PDF) 38 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9958/PCBZ bảng dữ liệu(HTML) 38 Page - Analog Devices |
|
38 / 44 page ![]() AD9958 Rev. A | Page 38 of 44 Table 30. Profile Register Map1 Register Name (Address) Bit Range Bit 7 (MSB) Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 (LSB) Default Value Channel Word 1 (CW1) (0x0A) [31:0] Frequency tuning word[31:0] or phase word[31:18] or amplitude word[31:22] N/A Channel Word 2 (CW2) (0x0B) [31:0] Frequency tuning word[31:0] or phase word[31:18] or amplitude word[31:22] N/A Channel Word 3 (CW3) (0x0C) [31:0] Frequency tuning word[31:0] or phase word[31:18] or amplitude word[31:22] N/A Channel Word 3 (CW4) (0x0D) [31:0] Frequency tuning word[31:0] or phase word[31:18] or amplitude word[31:22] N/A Channel Word 5 (CW5) (0x0E) [31:0] Frequency tuning word[31:0] or phase word[31:18] or amplitude word[31:22] N/A Channel Word 6 (CW6) (0x0F) [31:0] Frequency tuning word[31:0] or phase word[31:18] or amplitude word[31:22] N/A Channel Word 7 (CW7) (0x10) [31:0] Frequency tuning word[31:0] or phase word[31:18] or amplitude word[31:22] N/A Channel Word 8 (CW8) (0x11) [31:0] Frequency tuning word[31:0] or phase word[31:18] or amplitude word[31:22] N/A Channel Word 9 (CW9) (0x12) [31:0] Frequency tuning word[31:0] or phase word[31:18] or amplitude word[31:22] N/A Channel Word 10 (CW10) (0x13) [31:0] Frequency tuning word[31:0] or phase word[31:18] or amplitude word[31:22] N/A Channel Word 11 (CW11) (0x14) [31:0] Frequency tuning word[31:0] or phase word[31:18] or amplitude word[31:22] N/A Channel Word 12 (CW12) (0x15) [31:0] Frequency tuning word[31:0] or phase word[31:18] or amplitude word[31:22] N/A Channel Word 13 (CW13) (0x16) [31:0] Frequency tuning word[31:0] or phase word[31:18] or amplitude word[31:22] N/A Channel Word 14 (CW14) (0x17) [31:0] Frequency tuning word[31:0] or phase word[31:18] or amplitude word[31:22] N/A Channel Word 15 (CW15) (0x18) [31:0] Frequency tuning word[31:0] or phase word[31:18] or amplitude word[31:22] N/A 1 Each channel word register has a capacity of 32 bits. If phase or amplitude is stored in the channel word registers, it must be first MSB aligned per the bit range. Only the MSB byte is shown for each channel word register. |