| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STV7610A bảng dữ liệu(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV7610A bảng dữ liệu(HTML) 15 Page - STMicroelectronics |
|
15 / 17 page ![]() STV7610A 15/17 Figure 2. : Test Configuration INPUT/OUTPUT SCHEMATICS Figure 3. : , , F/ Input Figure 4. : CLK, STB Input Figure 5. : A1 to A6, B1 to B6 Figure 6. : Power Output VDOUTH IDOUTH VSSP VDOUTL IDOUTL V SSP V PP =VSSP V PP =VSSP Output sinking current as positive value, sourcing current as negative value PO L BLK R POL, BLK, F/R Pins 51, 50, 52 V CC V CC GNDLOG GNDSUB CLK, STB Pins 56, 57 V CC V CC GNDLOG GNDSUB A1 to A6, B1 to B6 Pins 59 to 64, 49 to 44 V CC V CC GNDLOG GNDSUB V CC V PP OUT1 to OUT 96 Pins 73 to 105, 112 to 141, 4 to 36 V SSP 3 |