| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STV6410A bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV6410A bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 22 page ![]() VCR And AUX Audio Outputs Selection Register Address (HEX) Description Bits Data Comments d7 d6 d5 d4 d3 d2 d1 d0 02 VCR Audio Output Selection 3 X X X X X 0 0 0 Muted X X X X X 0 0 1 AUX inputs selected X X X X X 0 1 0 NOT ALLOWED X X X X X 0 1 1 ASTB inputs selected X X X X X 1 0 0 TV inputs selected X X X X X 1 0 1 Encoder inputs selected X X X X X 1 1 0 NOT ALLOWED X X X X X 1 1 1 NOT ALLOWED X 0 XXX XX X 0 = Stereo X 1 XXX XX X 1 = Mono AUX Audio Output Selection 3 X X 0 0 0 X X X Muted X X 0 0 1 X X X NOT ALLOWED X X 0 1 0 X X X VCR inputs selected X X 0 1 1 X X X ASTB inputs selected X X 1 0 0 X X X TV inputs selected X X 1 0 1 X X X Encoder inputs selected X X 1 1 0 X X X NOT ALLOWED X X 1 1 1 X X X NOT ALLOWED 0 X XXX XX X 0 = Stereo 1 X XXX XX X 1 = Mono I 2C BUS SELECTION (continued) STV6410A 12/22 |