công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD74HC423AFPEL bảng dữ liệu(PDF) 8 Page - Renesas Technology Corp

tên linh kiện HD74HC423AFPEL
Giải thích chi tiết về linh kiện  Dual Retriggerable Monostable Multivibrators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC423AFPEL bảng dữ liệu(HTML) 8 Page - Renesas Technology Corp

  HD74HC423AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74HC423AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74HC423AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74HC423AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74HC423AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74HC423AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74HC423AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74HC423AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD74HC423AFPEL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
HD74HC423A
Rev.2.00 Mar 30, 2006 page 8 of 8
Package Dimensions
7.62
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
19.2
6.3
5.06
A1
Z
b3
D
E
A
bp
c
θ
e
L
e1
0.51
0.56
1.30
0.19
0.25
0.31
2.29 2.54
2.79
0°
15°
20.32
7.4
0.40
0.48
1.12
2.54
1
p
3
1
8
16
9
e
b
Z
e
c
D
b
0.89
θ
( Ni/Pd/Au plating )
P-DIP16-6.3x19.2-2.54
1.05g
MASS[Typ.]
DP-16FV
PRDP0016AE-B
RENESAS Code
JEITA Package Code
Previous Code
0.80
0.15
1.27
7.50
8.00
0.40
0.34
A1
10.5
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
2.20
0.90
0.70
0.50
5.50
0.20
0.10
0.00
0.46
0.25
0.20
0.15
7.80
8°
0°
0.12
1.15
10.06
L1
Z
HE
y
x
θ
c
bp
A2
E
D
b1
c1
e
L
A
*1
8
1
16
9
xM
p
*3
y
F
Index mark
b
D
Z
Terminal cross section
( Ni/Pd/Au plating )
p
b
1
Detail F
L
L
θ
NOTE)
1. DIMENSIONS"*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"*3"DOES NOT
INCLUDE TRIM OFFSET.
e
P-SOP16-5.5x10.06-1.27
0.24g
MASS[Typ.]
FP-16DAV
PRSP0016DH-B
RENESAS Code
JEITA Package Code
Previous Code



Html Pages

1 2 3 4 5 6 7 8 9