| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STV5348D bảng dữ liệu(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV5348D bảng dữ liệu(HTML) 8 Page - STMicroelectronics |
|
8 / 22 page ![]() FUNCTIONAL DESCRIPTION (continued) II - Ghost Row Storage Organization Row Address of Stored Data Designation Code Row (Packet) Number Function 0 000 0 X / 26 Enhanced display facilities Page related data stored in chapter corresponding to level 1 data, i.e. For 0 goes in 4 " 1 " " 5 " 2 " " 6 " 3 " " 7 1 000 1 2 001 0 3 001 1 4 010 0 5 010 1 6 011 0 7 011 1 8 100 0 9 100 1 10 101 0 11 101 1 12 110 0 13 110 1 14 111 0 15 0 0 1 0 X / 28 Conditional access 16 000 0 X / 27 Editorial Linked pages 17 000 1 18 010 0 Composition 19 010 1 20 X / 24 Page extension stored here if R0D7 = 0 21 X / 25 Page extension 22 0 0 0 0 X / 28 Color definition 23 X X X X 8 / 30 * * Broadcasting service data packet 24 0 0 0 1 X/28 Character set designation 25 ** Not used * Packet 8/30 storage : 8/30/0,1 : chapter 4, row23 8/30/2,3 : chapter 5, row23 8/30/4 to 15 : chapter 6, row23 ** See table 2 for VPS data storage in chapter 5 D0 PU0 PT0 MU0 MT0 HU0 HT0 C7 C11 MAG0 0 D1 PU1 PT1 MU1 MT1 HU1 HT1 C8 C12 MAG1 0 D2 PU2 PT2 MU2 MT2 HU2 C5 C9 C13 MAG2 0 D3 PU3 PT3 MU3 C4 HU3 C6 C10 C14 0 0 D4 HAM HAM HAM HAM HAM HAM HAM HAM FOUND 0 D5 00000 0000 PBLF D6 00000 00000 D7 00000 00000 COLUMN 01234 56789 Page number : - MAG = magazine, PU = page units, PT = page tens. Page sub-code : - MU = minutes units, MT = minutes tens, HU = hours units, HT = hours tens. PBLF = page being looked for, FOUND = low for page found, HAM = hamming error in byte, C4-14 = control bits. Table 1 : Row 25 Received Page Control Data Format STV5348 - STV5348/H - STV5348/T 8/22 |