| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STV5347T bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV5347T bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 22 page ![]() FUNCTIONAL DESCRIPTION (continued) Note 1 : Where PHCB are the Page Header Control bits. Other Combinations default to German. Only the above characters change with the PHCB. All others characters in the basic set are shown in Table 7. Note 1 : Where PHCB are the Page Header Control bits. Other Combinations default to Turkish. Only the above characters change with the PHCB. All others character sin the ba sic set are shown in Table 7. Table 10 : STV5347/H Character Set - East European Languages Table 11 : STV5347/T Character Set - Turkish European Languages STV5347 - STV5347/H - STV5347/T 17/22 |