| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HTT1129EZTL-E bảng dữ liệu(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HTT1129EZTL-E bảng dữ liệu(HTML) 4 Page - Renesas Technology Corp |
|
4 / 9 page ![]() HTT1129E Rev.2.00 Aug 10, 2005 page 4 of 8 Q1 Main Characteristics 20 16 12 8 4 12 3 4 5 6 25 20 15 10 5 0 0.2 0.4 0.6 0.8 1.0 200 100 0 0.1 1.0 10 100 IB = 20 µA 40 µA 60 µA 80 µA 100 µA 120 µA 140 µA 160 µA VCE = 1 V VCE = 1 V 0 180 µA Typical Output Characteristics Collector to Emitter Voltage VCE (V) Typical Forward Transfer Characteristics Base to Emitter Voltage VBE (V) DC Current Transfer Ratio vs. Collector Current Collector Current IC (mA) Collector to Base Voltage VCB (V) Reverse Transfer Capacitance vs. Collector to Base Voltage 0.8 0.6 0.4 0.2 0 0.5 1.0 1.5 2.0 Emitter ground f = 1 MHz 1.0 20 16 12 8 4 0 12 5 10 20 50 100 Collector Current IC (mA) Gain Bandwidth Product vs. Collector Current f = 1 GHz VCE = 3 V VCE = 2 V VCE = 1 V 5 4 3 2 1 0 12 5 10 20 50 100 Collector Current IC (mA) Noise Figure vs. Collector Current VCE = 1 V f = 900 MHz |