| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD26LS32P bảng dữ liệu(PDF) 12 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD26LS32P bảng dữ liệu(HTML) 12 Page - Renesas Technology Corp |
|
12 / 15 page ![]() HD26LS32 Rev.2.00, Jul.16.2004, page 12 of 14 2. Unidirectional Transmission (1 : n Configuration) Driver Data input RT Data output Data output Receiver RT Data output Enable Data output Figure 10 1 : n Unidirectional Transmission With this connection method, n receivers are connected for one driver. In the RS-422A standard, ten receivers can be connected simultaneously for one driver. Conversely, it is also possible to connect one receiver for n drivers. 3. Bidirectional Transmission Driver Receiver Data I/O Enable Driver Receiver Data I/O Enable RT RT Figure 11 Bidirectional Transmission When bidirectional data exchange is performed using a combination of the HD26LS31 and HD26LS32, since either high or low output control is possible, using complementary enable inputs for the driver and receiver makes it easy to configure the kind of combination illustrated in figure 11 . Extending this combination makes it possible to exchange n-bit data simultaneously, and handle a party line system. |