| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M35049-XXXFP bảng dữ liệu(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M35049-XXXFP bảng dữ liệu(HTML) 21 Page - Renesas Technology Corp |
|
21 / 39 page ![]() MITSUBISHI MICROCOMPUTERS M35049-XXXFP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS 20 CHARACTER FONT Images are composed on a 12 ! 18 dot matrix, and characters can be linked vertically and horizontally with other characters to al- low the display the continuous symbols. Character code FF16 is fixed as a blank without background. Therefore, cannot register a character font in this code. Fig.7 Example of border display When the character extends to the top line of the matrix, no border is left at the top. Note: Hatching represents border. When the character extends to the bottom (18th) line of the matrix, no border is left at the bottom. 12 dots |