công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30218 bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp

tên linh kiện M30218
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30218 bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp

  M30218 Datasheet HTML 1Page - Renesas Technology Corp M30218 Datasheet HTML 2Page - Renesas Technology Corp M30218 Datasheet HTML 3Page - Renesas Technology Corp M30218 Datasheet HTML 4Page - Renesas Technology Corp M30218 Datasheet HTML 5Page - Renesas Technology Corp M30218 Datasheet HTML 6Page - Renesas Technology Corp M30218 Datasheet HTML 7Page - Renesas Technology Corp M30218 Datasheet HTML 8Page - Renesas Technology Corp M30218 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 179 page
background image
Mitsubishi microcomputers
M30218 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Description
1
------Table of Contents------
Description
The M30218 group of single-chip microcomputers are built using the high-performance silicon gate CMOS
process using a M16C/60 Series CPU core and are packaged in a 100-pin plastic molded QFP. These
single-chip microcomputers operate using sophisticated instructions featuring a high level of instruction
efficiency. With 1M bytes of address space, they are capable of executing instructions at high speed. They
also feature a built-in multiplier and DMAC, making them ideal for controlling musical instruments, house-
hold appliances and other high-speed processing applications.
The M30218 group includes a wide range of products with different internal memory types and sizes and
various package types.
Features
• Basic machine instructions ............. Compatible with the M16C/60 series
• Memory capacity ............................ ROM / RAM (See figure memory expansion)
• Shortest instruction execution time . 100ns (f(XIN)=10MHz)
• Supply voltage ................................ 4.0V to 5.5V (f(XIN)=10MHz)
2.7V to 5.5V (f(XIN)=3.5MHz)(Note)
• Interrupts ........................................ 19 internal and 6 external interrupt sources, 4 software
• Multifunction 16-bit timer ................ Timer A X 5, Timer B X 3
• FLD conrtoller ................................. total 56 pins
(high-breakdown-voltage P-channel open-drain output : 52pins)
• Serial I/O ......................................... 2 channels for UART or clock synchronous,
1 channels for clock synchronous
(max.256 bytes automatic transfer function)
• DMAC ............................................. 2 channels (triggers: 15 sources)
• A-D converter ................................. 10 bits X 8 channels
• D-A converter ................................. 8 bits X 2 channels
• CRC calculation circuit ................... 1 circuit
• Watchdog timer .............................. 1 pin
• Programmable I/O .......................... 48 pins
• High-breakdown-voltage output ...... 52 pins
• Clock generating circuit .................. 2 built-in clock generation circuit
(built-in feedback resistor, and external ceramic or quartz oscillator)
Note: Only mask ROM version.
Applications
Household appliances, office equipment, Audio etc.
Timer ............................................................. 70
Serial I/O ....................................................... 87
A-D Converter ............................................. 114
D-A Converter ............................................. 124
CRC Calculation Circuit .............................. 126
Programmable I/O Ports ............................. 128
Flash memory version ................................. 152
Central Processing Unit (CPU) ..................... 10
Reset ............................................................. 14
Clock Generating Circuit ............................... 18
Protection ...................................................... 26
Interrupts ....................................................... 27
Watchdog Timer ............................................ 45
DMAC ........................................................... 47
FLD controller ............................................... 53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com