| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STV0119A bảng dữ liệu(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV0119A bảng dữ liệu(HTML) 33 Page - STMicroelectronics |
|
33 / 42 page ![]() VI.2 - Register Contents and Description (continued) (*) = DEFAULT mode when NRESET pin is active (LOW level) VI - REGISTERS (continued) REGISTER_5 - Configuration5 MSB LSB Content rgb_nyc bkcvbs1 reserved reserved bk_ys bk_c bk_cvbs dacinv Default 00 110 0 0 0 rgb_nyc Selection between RGB or S-VHS/CVBS outputs present on DACs (refer to Functional Description, Section IV.12) (*) 0 1 Y - C - CVBS - CVBS1 on DACs R - G - B - CVBS1 on DACs bkcvbs1 Blanking of DAC CVBS (*) 0 1 DAC CVBS in normal operation DAC input code forced to blanking level bk_ys Blanking of DAC G/Y’ (*) 0 1 DAC G/Y in normal operation DAC input code forced to black level (if G) or blanking level (if Y) bk_c Blanking of DAC ‘R/C’ (*) 0 1 DAC R/C in normal operation DAC input code forced to black level (if R) or neutral level [no color] (if C) bk_cvbs Blanking of DAC ‘B/CVBS’ (*) 0 1 DAC B/CVBS in normal operation DAC input code forced to black level (if B) or blanking level (if CVBS) dacinv ‘Inverts’ DAC codes to compensate for an inverting output stage in the application (*) 0 1 DAC non inverted inputs DAC inverted inputs STV0119A 33/42 |