công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38B76FD bảng dữ liệu(PDF) 23 Page - Renesas Technology Corp

tên linh kiện M38B76FD
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B76FD bảng dữ liệu(HTML) 23 Page - Renesas Technology Corp

Back Button M38B76FD Datasheet HTML 19Page - Renesas Technology Corp M38B76FD Datasheet HTML 20Page - Renesas Technology Corp M38B76FD Datasheet HTML 21Page - Renesas Technology Corp M38B76FD Datasheet HTML 22Page - Renesas Technology Corp M38B76FD Datasheet HTML 23Page - Renesas Technology Corp M38B76FD Datasheet HTML 24Page - Renesas Technology Corp M38B76FD Datasheet HTML 25Page - Renesas Technology Corp M38B76FD Datasheet HTML 26Page - Renesas Technology Corp M38B76FD Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 110 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
22
Fig. 15 Structure of interrupt related registers
Fig. 14 Interrupt control
b7
b7
b7
b7
b7
b7
b0
b0
b0
b0
b0
b0
INT0 interrupt enable bit
INT1 interrupt enable bit
Serial I/O3 interrupt enable bit
INT2 interrupt enable bit
Remote controller/counter overflow interrupt
enable bit
Serial I/O1 interrupt enable bit
Serial I/O automatic transfer interrupt enable bit
Timer X interrupt enable bit
Timer 1 interrupt enable bit
Timer 2 interrupt enable bit
Timer 3 interrupt enable bit
INT0 interrupt request bit
INT1 interrupt request bit
Serial I/O3 interrupt request bit
INT2 interrupt request bit
Remote controller/counter overflow interrupt
request bit
Serial I/O1 interrupt request bit
Serial I/O automatic transfer interrupt request bit
Timer X interrupt request bit
Timer 1 interrupt request bit
Timer 2 interrupt request bit
Timer 3 interrupt request bit
Interrupt edge selection register
INT0 interrupt edge selection bit
INT1 interrupt edge selection bit
INT2 interrupt edge selection bit
INT3 interrupt edge selection bit
INT4 interrupt edge selection bit
Not used (return “0” when read)
CNTR0 pin edge switch bit
CNTR1 pin edge switch bit
(INTEDGE : address 003A16)
0 : Falling edge active
1 : Rising edge active
Interrupt request register 1
Interrupt control register 1
0 : No interrupt request issued
1 : Interrupt request issued
(IREQ1 : address 003C16)
(ICON1 : address 003E16)
Interrupt request register 2
(IREQ2 : address 003D16)
Interrupt control register 2
0 : Interrupt disabled
1 : Interrupt enabled
(ICON2 : address 003F16)
Interrupt source switch register
INT3/serial I/O2 transmit interrupt switch bit
0 : INT3 interrupt
1 : Serial I/O2 transmit interrupt
INT4/AD conversion interrupt switch bit
0 : INT4 interrupt
1 : A-D conversion interrupt
INT1/serial I/O3 interrupt switch bit
0 : INT1 interrupt
1 : Serial I/O3 interrupt
Not used (return “0” when read)
(Do not write “1” to these bits.)
(IFR : address 003916)
0 : Rising edge count
1 : Falling edge count
INT3/serial I/O2 transmit interrupt enable bit
INT4 interrupt enable bit
AD conversion interrupt enable bit
FLD blanking interrupt enable bit
FLD digit interrupt enable bit
Not used (returns “0” when read)
(Do not write “1” to this bit.)
INT3/serial I/O2 transmit interrupt request bit
INT4 interrupt request bit
AD conversion interrupt request bit
FLD blanking interrupt request bit
FLD digit interrupt request bit
Not used (returns “0” when read)
Timer 4 interrupt request bit
Timer 5 interrupt request bit
Timer 6 interrupt request bit
Serial I/O2 receive interrupt request bit
Timer 4 interrupt enable bit
Timer 5 interrupt enable bit
Timer 6 interrupt enable bit
Serial I/O2 receive interrupt enable bit
Interrupt disable flag I
Interrupt request
Interrupt request bit
Interrupt enable bit
BRK instruction
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com