công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38C83MB bảng dữ liệu(PDF) 43 Page - Renesas Technology Corp

tên linh kiện M38C83MB
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38C83MB bảng dữ liệu(HTML) 43 Page - Renesas Technology Corp

Back Button M38C83MB Datasheet HTML 39Page - Renesas Technology Corp M38C83MB Datasheet HTML 40Page - Renesas Technology Corp M38C83MB Datasheet HTML 41Page - Renesas Technology Corp M38C83MB Datasheet HTML 42Page - Renesas Technology Corp M38C83MB Datasheet HTML 43Page - Renesas Technology Corp M38C83MB Datasheet HTML 44Page - Renesas Technology Corp M38C83MB Datasheet HTML 45Page - Renesas Technology Corp M38C83MB Datasheet HTML 46Page - Renesas Technology Corp M38C83MB Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
42
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C8 Group
(3) Oscillator concerns
In order to obtain the stabilized operation clock on the user system
and its condition, contact the oscillator manufacturer and select the
oscillator and oscillation circuit constants. Be careful especially when
range of voltage or/and temperature is wide.
Also, take care to prevent an oscillator that generates clocks for a
microcomputer operation from being affected by other signals.
➀ Keeping oscillator away from large current signal lines
Install a microcomputer (and especially an oscillator) as far as pos-
sible from signal lines where a current larger than the tolerance of
current value flows.
q Reason
In the system using a microcomputer, there are signal lines for
controlling motors, LEDs, and thermal heads or others. When a
large current flows through those signal lines, strong noise occurs
because of mutual inductance.
➁ Installing oscillator away from signal lines where potential levels
change frequently
Install an oscillator and a connecting pattern of an oscillator away
from signal lines where potential levels change frequently. Also,
do not cross such signal lines over the clock lines or the signal
lines which are sensitive to noise.
q Reason
Signal lines where potential levels change frequently (such as the
CNTR pin signal line) may affect other lines at signal rising edge
or falling edge. If such lines cross over a clock line, clock wave-
forms may be deformed, which causes a microcomputer failure or
a program runaway.
➀ Keeping oscillator away from large current signal lines
➁ Installing oscillator away from signal lines where potential lev-
els change frequently
Fig. 44 Wiring for the VPP pin of One Time PROM
Fig. 43 Wiring for a large current signal line/Wiring of signal lines
where potential levels change frequently
XIN
XOUT
VSS
CNTR
Do not cross
N.G.
(4) Analog input
The analog input pin is connected to the capacitor of a comparator.
Accordingly, sufficient accuracy may not be obtained by the charge/
discharge current at the time of A-D conversion when the analog
signal source of high-impedance is connected to an analog input pin.
In order to obtain the A-D conversion result stabilized more, please
lower the impedance of an analog signal source, or add the smooth-
ing capacitor to an analog input pin.
(5) Difference of memory type and size
When Mask ROM and PROM version and memory size differ in one
group, actual values such as an electrical characteristics, A-D con-
version accuracy, and the amount of proof of noise incorrect opera-
tion may differ from the ideal values.
When these products are used switching, perform system evaluation
for each product of every after confirming product specification.
(6) Wiring to VPP pin of One Time PROM version
Connect an approximately 5 k
Ω resistor to the VPP pin the shortest
possible in series.
Note: Even when a circuit which included an approximately 5 k
Ω
resistor is used in the Mask ROM version, the microcomputer
operates correctly.
q Reason
The VPP pin of the One Time PROM version is the power source
input pin for the built-in PROM. When programming in the built-in
PROM, the impedance of the VPP pin is low to allow the electric cur-
rent for writing flow into the built-in PROM. Because of this, noise
can enter easily. If noise enters the VPP pin, abnormal instruction
codes or data are read from the built-in PROM, which may cause a
program runaway.
P40/VPP
VSS
About 5k
Ω
Source signal
XIN
XOUT
VSS
Microcomputer
Mutual inductance
Large
current
GND
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com