công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7643 bảng dữ liệu(PDF) 21 Page - Renesas Technology Corp

tên linh kiện 7643
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 bảng dữ liệu(HTML) 21 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 17Page - Renesas Technology Corp 7643 Datasheet HTML 18Page - Renesas Technology Corp 7643 Datasheet HTML 19Page - Renesas Technology Corp 7643 Datasheet HTML 20Page - Renesas Technology Corp 7643 Datasheet HTML 21Page - Renesas Technology Corp 7643 Datasheet HTML 22Page - Renesas Technology Corp 7643 Datasheet HTML 23Page - Renesas Technology Corp 7643 Datasheet HTML 24Page - Renesas Technology Corp 7643 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 121 page
background image
Rev.2.00
Aug 28, 2006
page 21 of 119
7643 Group
REJ03B0054-0200
Interrupt Source
Reset (Note 3)
USB function
Reserved area
INT0
INT1
DMAC0
DMAC1
UART receive
buffer full
UART transmit
UART summing
error
Reserved area
Reserved area
Reserved area
Reserved area
Reserved area
Timer 1
Timer 2
Timer 3
Reserved area
Reserved area
Serial I/O
Reserved area
Reserved area
Key input (Key-
on wake-up)
BRK instruction
Priority
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
Vector Addresses (Note 1)
High
FFFB16
FFF916
FFF716
FFF516
FFF316
FFF116
FFEF16
FFED16
FFEB16
FFE916
FFE716
FFE516
FFE316
FFE116
FFDF16
FFDD16
FFDB16
FFD916
FFD716
FFD516
FFD316
FFD116
FFCF16
FFCD16
FFCB16
Interrupt Request
Generating Conditions
At reset
(Note 2)
Not used
At detection of either rising or falling edge of
INT0 intput
At detection of either rising or falling edge of
INT1 input
At completion of DMAC0 transfer
At completion of DMAC1 transfer
At completion of UART reception
At completion of UART transmission
At detection of UART summing error
Not used
Not used
Not used
Not used
Not used
At timer 1 underflow
At timer 2 underflow
At timer 3 underflow
Not used
Not used
At completion of serial I/O transmission/reception
Not used
Not used
At falling of port P2 input logical level AND
At BRK instruction execution
Remarks
Non-maskable
External interrupt
(active edge selectable)
External interrupt
(active edge selectable)
Low
FFFA16
FFF816
FFF616
FFF416
FFF216
FFF016
FFEE16
FFEC16
FFEA16
FFE816
FFE616
FFE416
FFE216
FFE016
FFDE16
FFDC16
FFDA16
FFD816
FFD616
FFD416
FFD216
FFD016
FFCE16
FFCC16
FFCA16
Notes 1: Vector addresses contain interrupt jump destination addresses.
2: USB function interrupt occurs owing to an interrupt request of the endpoint x (x = 0 to 2) IN, endpoint x (x = 1, 2) OUT, USB reset or suspend/resume.
3: Reset functions in the same way as an interrupt with the highest priority.
Table 7 Interrupt vector addresses and priority
External interrupt
(falling valid)
Non-maskable software interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More