| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M37542F4SP bảng dữ liệu(PDF) 17 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M37542F4SP bảng dữ liệu(HTML) 17 Page - Renesas Technology Corp |
|
17 / 122 page ![]() 7542 Group Rev.3.03 Jul 11, 2008 Page 17 of 117 REJ03B0006-0303 Memory Special function register (SFR) area The SFR area in the zero page contains control registers such as I/O ports and timers. RAM RAM is used for data storage and for a stack area of subroutine calls and interrupts. ROM The first 128 bytes and the last 2 bytes of ROM are reserved for device testing and the rest is a user area for storing programs. The reserved ROM area can program/erase in the flash memory version. Interrupt vector area The interrupt vector area contains reset and interrupt vectors. Zero page The 256 bytes from addresses 000016 to 00FF16 are called the zero page area. The internal RAM and the special function regis- ters (SFR) are allocated to this area. The zero page addressing mode can be used to specify memory and register addresses in the zero page area. Access to this area with only 2 bytes is possible in the zero page addressing mode. Special page The 256 bytes from addresses FF0016 to FFFF16 are called the special page area. The special page addressing mode can be used to specify memory addresses in the special page area. Ac- cess to this area with only 2 bytes is possible in the special page addressing mode. Fig. 15 Memory map diagram 010016 000016 004016 044016 FF0016 FFDC16 FFFE16 FFFF16 384 512 1024 XXXX16 01BF16 023F16 043F16 8192 16384 32768 E00016 C00016 800016 E08016 C08016 808016 YYYY16 ZZZZ16 RAM ROM Reserved area SFR area Not used Interrupt vector area ROM area Reserved ROM area (128 bytes) Zero page Special page RAM area RAM capacity (bytes) address XXXX16 ROM capacity (bytes) address YYYY16 Reserved ROM area address ZZZZ16 Not used SFR area (Note 1) 0FE016 0FFF16 Notes 1: Only flash memory version has this SFR area. 2: The reserved ROM area can program/erase in the flash memory version. Note the difference of the mask version. |