| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7545 bảng dữ liệu(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7545 bảng dữ liệu(HTML) 49 Page - Renesas Technology Corp |
|
49 / 62 page ![]() Rev.1.06 Mar 07, 2008 Page 49 of 59 REJ03B0140-0106 7545 Group ELECTRICAL CHARACTERISTICS (QzROM version) Absolute Maximum Ratings Table 11 Absolute maximum ratings Symbol Parameter Conditions Ratings Unit VCC Power source voltage VCC, VDDR All voltages are based on VSS. When an input voltage is measured, output transistors are cut off. −0.3 to 5.0 V VI Input voltage P00 −P07, P10−P11, P20−P27, P30−P37, P40−P42 −0.3 to VCC + 0.3 V VI Input voltage RESET, XIN −0.3 to VCC + 0.3 V VI Input voltage CNVSS −0.3 to VCC + 0.3 V VO Output voltage P00 −P07, P10−P11, P20−P27, P30−P37, P40−P42, XOUT, RESET −0.3 to VCC + 0.3 V Pd Power dissipation Ta = 25 °C 200 mW Topr Operating temperature −20 to 85 °C Tstg Storage temperature −40 to 125 °C |