công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PSD913F2-15UI bảng dữ liệu(PDF) 75 Page - STMicroelectronics

tên linh kiện PSD913F2-15UI
Giải thích chi tiết về linh kiện  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F2-15UI bảng dữ liệu(HTML) 75 Page - STMicroelectronics

Back Button PSD913F2-15UI Datasheet HTML 71Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 72Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 73Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 74Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 75Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 76Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 77Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 78Page - STMicroelectronics PSD913F2-15UI Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 94 page
background image
Preliminary Information
PSD9XX Family
71
Microcontroller Interface – PSD9XX AC/DC Parameters
(5V ± 10% Versions)
-70
-90
-15
Symbol
Parameter
Conditions
Min
Max
Min
Max
Min
Max
Unit
tISCCF
TCK Clock Frequency
(except for PLD)
(Note 1)
20
18
14
MHz
tISCCH
TCK Clock High Time
(Note 1)
23
26
31
ns
tISCCL
TCK Clock Low Time
(Note 1)
23
26
31
ns
tISCCF-P
TCK Clock Frequency (for PLD only)
(Note 2)
2
2
2
MHz
tISCCH-P
TCK Clock High Time(for PLD only)
(Note 2)
240
240
240
ns
tISCCL-P
TCK Clock Low Time(for PLD only)
(Note 2)
240
240
240
ns
tISCPSU
ISC Port Set Up Time
7
8
10
ns
tISCPH
ISC Port Hold Up Time
5
5
5
ns
tISCPCO
ISC Port Clock to Output
21
23
25
ns
tISCPZV
ISC Port High-Impedance to
Valid Output
21
23
25
ns
tISCPVZ
ISC Port Valid Output to
High-Impedance
21
23
25
ns
ISC Timing (5 V ± 10%)
NOTES: 1. For “non-PLD” programming, erase or in ISC by-pass mode.
2. For program or erase PLD only.
Symbol
Parameter
Min
Typ
Max
Unit
Flash Bulk Erase (Preprogrammed to 00) (Note 1)
3
30
sec
Flash Bulk Erase (Not Preprogrammed)
5
sec
tWHQV3
Sector Erase (Preprogrammed to 00)
1
30
sec
tWHQV2
Sector Erase (Not Preprogrammed)
2.2
sec
tWHQV1
Byte Program
14
1200
µs
Program/Erase Cycles (Per Sector)
100,000
cycles
tWHWLO
Sector Erase Time-Out
100
µs
tQ7VQV
DQ7 Valid to Output (DQ7-0) Valid
(Data Polling) (Note 2)
30
ns
Flash Program, Write and Erase Times (5 V ± 10%)
NOTE: 1. Programmed to all zeros before erase.
2. The polling status DQ7 is valid tQ7VQV ns before the data byte DQ0-7 is valid for reading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com