| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7513 bảng dữ liệu(PDF) 17 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7513 bảng dữ liệu(HTML) 17 Page - Renesas Technology Corp |
|
17 / 66 page ![]() 16 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS 7513 Group Pin Name I/O Format Non-Port Function Related SFRS Diagram No. Input/Output Notes1: How to use double-function ports as function I/O ports, refer to the applicable sections. 2: Make sure that the input level at each pin is either 0 V or VCC during execution of the STP instruction. When an input level is at an intermediate po- tential, a current will flow VCC to VSS through the input-stage gate. Table 7 List of I/O port function (2) P60/SIN2/AN0 P61/SOUT2/ AN1 P62/SCLK21/ AN2 P63/SCLK22 / AN3 P64/AN4– P67/AN7 P70/INT0 P71–P77 COM0–COM3 SEG0–SEG17 Port P6 Port P7 Common Segment Input/ output, individual bits Input Input/ output, individual bits Output Output CMOS compatible input level CMOS 3-state output CMOS compatible input level CMOS compatible input level N-channel open-drain output LCD common output LCD segment output A-D conversion input Serial I/O2 function I/O A-D conversion input External interrupt input A-D control register Serial I/O2 control register A-D control register Interrupt edge selection register LCD mode register (19) (20) (21) (22) (18) (25) (15) (23) (24) |