| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
4508 bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4508 bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp |
|
13 / 142 page ![]() 4508 Group Rev.1.02 2006.12.22 page 13 of 140 REJ03B0148-0102 External interrupt circuit structure 0 1 I12 0 1 EXF0 I11 SNZI0 instruction I13 P13/INT (Note 1) Rising Falling One-sided edge detection circuit Both edges detection circuit External 0 interrupt This symbol represents a parasitic diode on the port. • Timer 1 count start synchronization circuit input Skip L10 Level detection circuit Edge detection circuit L11 0 1 Key-on wakeup input (Note 2) (Note 3) Note 1: 2: When I12 is 0, “L” level is detected. When I12 is 1, “H” level is detected. 3: When I12 is 0, falling edge is detected. When I12 is 1, rising edge is detected. |