công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38B77F2 bảng dữ liệu(PDF) 67 Page - Renesas Technology Corp

tên linh kiện M38B77F2
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B77F2 bảng dữ liệu(HTML) 67 Page - Renesas Technology Corp

Back Button M38B77F2 Datasheet HTML 63Page - Renesas Technology Corp M38B77F2 Datasheet HTML 64Page - Renesas Technology Corp M38B77F2 Datasheet HTML 65Page - Renesas Technology Corp M38B77F2 Datasheet HTML 66Page - Renesas Technology Corp M38B77F2 Datasheet HTML 67Page - Renesas Technology Corp M38B77F2 Datasheet HTML 68Page - Renesas Technology Corp M38B77F2 Datasheet HTML 69Page - Renesas Technology Corp M38B77F2 Datasheet HTML 70Page - Renesas Technology Corp M38B77F2 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 110 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
66
Interrupt interval determination control register
(IIDCON: address 003116)
Interrupt interval determination circuit operating selection bit
0 : Stopped
1 : Operating
Counter sampling clock selection bit
0 : f(XIN)/128 or f(XCIN)
1 : f(XIN)/256 or f(XCIN)/2
Noise filter sampling clock selection bits (INT2)
b3b2
0 0 : Filter stop
0 1 : f(XIN)/32 or f(XCIN)
1 0 : f(XIN)/64 or f(XCIN)/2
1 1 : f(XIN)/128 or f(XCIN)/4
One-sided/both-sided edge detection selection bit
0 : One-sided edge detection
1 : Both-sided edge detection (can be used when using a noise filter)
Not used (return “0” when read)
(Do not write “1” to these bits.)
b7
b0
Remote control
interrupt request
0
1
2
3
4
5
6
1
2
3
0
FE
FF
N
FF
0
FF
6
6
N
1
N
(When IIDCON4 = “0”)
Noise filter
sampling clock
INT2 pin
Acceptance of
interrupt
Counter sampling
clock
8-bit binary up
counter value
Interrupt interval
determination
register value
Remote control
interrupt request
Counter overflow
interrupt request
0
1
1
0
FE
FF
2
FF
2
3
3
FF
2
N
N
N
3
2
2
2
0
1
2
1
0
1
0
2
Remote control
interrupt request
(When IIDCON4 = “1”)
Noise filter
sampling clock
INT2 pin
Acceptance of
interrupt
Counter sampling
clock
8-bit binary up
counter value
Interrupt interval
determination
register value
Remote control
interrupt request
Counter overflow
interrupt request
Remote control
interrupt request
Remote control
interrupt request
Fig. 71 Interrupt interval determination operation example (at both-sided edge active)
Fig. 70 Interrupt interval determination operation example (at rising edge active)
Fig. 69 Structure of interrupt interval determination control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com