| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M306H2FCFP bảng dữ liệu(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M306H2FCFP bảng dữ liệu(HTML) 32 Page - Renesas Technology Corp |
|
32 / 251 page ![]() SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER MITSUBISHI MICROCOMPUTERS 31 Rev. 1.0 M306H2FCFP Main clock generating circuit Sub clock generating circuit Use of clock • CPU’s operating clock source • CPU’s operating clock source • Internal peripheral units’ • Timer A/B’s count clock operating clock source source Usable oscillator Ceramic or crystal oscillator Crystal oscillator Pins to connect oscillator XIN, XOUT XCIN, XCOUT Oscillation stop/restart function Available Available Oscillator status immediately after reset Oscillating Stopped Other Externally derived clock can be input Microcomputer (Built-in feedback resistor) XIN XOUT Externally derived clock Open Vcc Vss Microcomputer (Built-in feedback resistor) XIN XOUT Rd CIN COUT (Note) Note: Insert a damping resistor if required. The resistance will vary depending on the oscillator and the oscillation drive capacity setting. Use the value recommended by the maker of the oscillator. When the oscillation drive capacity is set to low, check that oscillation is stable.Also, if the oscillator manufacturer's data sheet specifies that a feedback resistor be added external to the chip, insert a feedback resistor between XIN and XOUT following the instruction. Microcomputer (Built-in feedback resistor) XCIN XCOUT Externally derived clock Open Vcc Vss Note: Insert a damping resistor if required. The resistance will vary depending on the oscillator and the oscillation drive capacity setting. Use the value recommended by the maker of the oscillator. When the oscillation drive capacity is set to low, check that oscillation is stable.Also, if the oscillator manufacturer's data sheet specifies that a feedback resistor be added external to the chip, insert a feedback resistor between XCIN and XCOUT following the instruction. Microcomputer (Built-in feedback resistor) XCIN XCOUT (Note) CCIN CCOUT RCd Table 2.5.1 Main clock and sub clock generating circuits Figure 2.5.2 Examples of sub clock Figure 2.5.1 Examples of main clock 2.5.1 Example of oscillator circuit Figure 2.5.1 shows some examples of the main clock circuit, one using an oscillator connected to the circuit, and the other one using an externally derived clock for input. Figure 2.5.2 shows some ex- amples of sub clock circuits, one using an oscillator connected to the circuit, and the other one using an externally derived clock for input. Circuit constants in Figures 2.5.1 and 2.5.2 vary with each oscillator used. Use the values recommended by the manufacturer of your oscillator. 2.5 Clock Generating Circuit The clock generating circuit contains two oscillator circuits that supply the operating clock sources to the CPU and internal peripheral units. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |