công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD4048412FS bảng dữ liệu(PDF) 27 Page - Renesas Technology Corp

tên linh kiện HD4048412FS
Giải thích chi tiết về linh kiện  4-Bit Single-Chip Microcomputer
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4048412FS bảng dữ liệu(HTML) 27 Page - Renesas Technology Corp

Back Button HD4048412FS Datasheet HTML 23Page - Renesas Technology Corp HD4048412FS Datasheet HTML 24Page - Renesas Technology Corp HD4048412FS Datasheet HTML 25Page - Renesas Technology Corp HD4048412FS Datasheet HTML 26Page - Renesas Technology Corp HD4048412FS Datasheet HTML 27Page - Renesas Technology Corp HD4048412FS Datasheet HTML 28Page - Renesas Technology Corp HD4048412FS Datasheet HTML 29Page - Renesas Technology Corp HD4048412FS Datasheet HTML 30Page - Renesas Technology Corp HD4048412FS Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 127 page
background image
HD404849 Series
25
Table 8 Timer A Interrupt Mask (IMTA: $001, Bit 3)
IMTA
Interrupt Request
0
Enabled
1
Disabled (masked)
Timer B Interrupt Request Flag (IFTB: $002, Bit 0): Set by overflow output from timer B, as listed in
table 9.
Table 9 Timer B Interrupt Request Flag (IFTB: $002, Bit 0)
IFTB
Interrupt Request
0No
1
Yes
Timer B Interrupt Mask (IMTB: $002, Bit 1): Prevents (masks) an interrupt request caused by the
timer B interrupt request flag, as listed in table 10.
Table 10 Timer B Interrupt Mask (IMTB: $002, Bit 1)
IMTB
Interrupt Request
0
Enabled
1
Disabled (masked)
Timer C Interrupt Request Flag (IFTC: $002, Bit 2): Set by overflow output from timer C, as listed in
table 11.
Table 11 Timer C Interrupt Request Flag (IFTC: $002, Bit 2)
IFTC
Interrupt Request
0No
1
Yes
Timer C Interrupt Mask (IMTC: $002, Bit 3): Prevents (masks) an interrupt request caused by the
timer C interrupt request flag, as listed in table 12.
Table 12 Timer C Interrupt Mask (IMTC: $002, Bit 3)
IMTC
Interrupt Request
0
Enabled
1
Disabled (masked)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More