| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD404629RFS bảng dữ liệu(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404629RFS bảng dữ liệu(HTML) 49 Page - Renesas Technology Corp |
|
49 / 157 page ![]() HD404629R Series 47 Notes: 1. Circuit constants differ by the different types of crystal oscillators, ceramic oscillators, and with the stray capacitance of the board, so consult the manufacturer of the oscillator to determine the circuit parameters. 2. The wiring between the OSC 1, OSC 2 (X1 and X2 pins), and the other elements should be as short as possible, and must not cross other wiring. Refer to figure 28. 3. If not using a 32.768-kHz crystal oscillator, fix the X1 pin to V CC and leave the X2 pin open. Input/Output The MCU has 42 input/output pins (D 0–D9, R00–R73) and 2 input pins (D10, D11). The features are described below. • Ten pins (D 0–D9) are high-current input/output pins. • The D 10 and D11, and R00–R73 input/output pins are multiplexed with peripheral function pins such as for the timers or serial interface. For these pins, the peripheral function setting is done prior to the D or R port setting. Therefore, when a peripheral function is selected for a pin, the pin function and input/output selection are automatically switched according to the setting. • Input or output selection for input/output pins and port or peripheral function selection for multiplexed pins are set by software. • Peripheral function output pins are CMOS output pins. Only the R2 3/SO pin can be set to NMOS open- drain output by software. • In stop mode, the MCU is reset, and therefore peripheral function selection is cancelled. Input/output pins are in high-impedance state. • Each input/output pin has a built-in pull-up MOS, which can be individually turned on or off by software. I/O buffer configuration is shown in figure 29, programmable I/O circuits are listed in table 23, and I/O pin circuit types are shown in table 24. Table 23 Programmable I/O Circuits MIS3 (bit 3 of MIS) 0 1 DCD, DCR 0 1 0 1 PDR 010 10 101 CMOS buffer PMOS — — — On — — — On NMOS — — On — — — On — Pull-up MOS — — — — — On — On Note: — indicates off status. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |