| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD404336FS bảng dữ liệu(PDF) 56 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404336FS bảng dữ liệu(HTML) 56 Page - Renesas Technology Corp |
|
56 / 80 page ![]() HD404339 Series 54 Transmit clock errors are detected as illustrated in figure 42. Transfer completion (IFS 1) Interrupts inhibited IFS 0 SMR write IFS = 1 Transmit clock error processing Normal termination ← ← Yes No Transmit clock error detection flowchart Transmit clock error detection procedure State SCK pin (input) Transmit clock wait state Transfer state Transfer state Transmit clock wait state Noise Transfer state has been entered by the transmit clock error. When SMR is written, IFS is set. Flag set because octal counter reaches 000. Flag reset at transfer completion. SMR write IFS 12 3 4 56 78 Figure 42 Transmit Clock Error Detection |