| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD404356 bảng dữ liệu(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404356 bảng dữ liệu(HTML) 21 Page - Renesas Technology Corp |
|
21 / 102 page ![]() HD404358 Series 19 Table 3 Interrupt Processing and Activation Conditions Interrupt Source INT 0 INT 1 Timer A Timer B Timer C A/D Serial IE 11 11 11 1 IF0 · IM0 10 00 00 0 IF1 · IM1 * 10 00 00 IFTA · IMTA ** 10 00 0 IFTB · IMTB ** * 10 00 IFTC · IMTC ** ** 10 0 IFAD · IMAD ** ** * 10 IFS · IMS ** ** ** 1 Note: Bits marked * can be either 0 or 1. Their values have no effect on operation. Instruction cycles 12 3 4 5 6 Instruction execution* IE reset Interrupt acceptance Execution of JMPL instruction at vector address Execution of instruction at start address of interrupt routine Vector address generation Note: * The stack is accessed and the IE reset after the instruction is executed, even if it is a two-cycle instruction. Stacking Figure 9 Interrupt Processing Sequence |