công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD404328 bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp

tên linh kiện HD404328
Giải thích chi tiết về linh kiện  microcomputer designed to increase program productivity
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404328 bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp

Back Button HD404328 Datasheet HTML 9Page - Renesas Technology Corp HD404328 Datasheet HTML 10Page - Renesas Technology Corp HD404328 Datasheet HTML 11Page - Renesas Technology Corp HD404328 Datasheet HTML 12Page - Renesas Technology Corp HD404328 Datasheet HTML 13Page - Renesas Technology Corp HD404328 Datasheet HTML 14Page - Renesas Technology Corp HD404328 Datasheet HTML 15Page - Renesas Technology Corp HD404328 Datasheet HTML 16Page - Renesas Technology Corp HD404328 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 96 page
background image
HD404328 Series
11
Bit 3
Bit 2
Bit 1
Bit 0
IM0
(IM of
INT )
0
IMTA
(IM of timer A)
IMTC
(IM of timer C)
IMAD
(IM of A/D)
IF0
(IF of
INT )
IFTA
(IF of timer A)
IFTC
(IF of timer C)
IFAD
(IF of A/D)
RSP
(Reset SP bit)
IM1
(IM of INT )
IMTB
(IM of timer B)
IMZC
(IM of ZCD)
IE
(Interrupt enable flag)
IF1
(IF of INT )
IFTB
(IF of timer B)
IFZC
(IF of ZCD)
0
11
DTON
(Direct transfer on flag)
ADSF
(A/D start flag)
WDON
(Watchdog on flag)
LSON
(Low speed on flag)
IMS
(IM of serial interface)
IFS
(IF of serial interface)
IF:
IM:
IE:
SP:
Interrupt request flag
Interrupt mask
Interrupt enable flag
Stack pointer
Note: Bits in the interrupt control bits area and register flag area are set by the SEM or SEMD instruction,
reset by the REM or REMD instruction, and tested by the TM or TMD instruction. Other
instructions have no effect.
However, note the following usage limitations of RAM bit manipulation instructions.
$000
$001
$002
$003
$020
$021
$022
$023
0
1
2
3
32
33
34
35
Not used
SEM/SEMD
Not executed
Not executed
Allowed
Not executed in active mode
Used in subactive mode
REM/REMD
Allowed
Allowed
Not executed
Allowed
TM/TMD
Allowed
Inhibited
Inhibited
Allowed
IF
RSP
WDON
DTON
Note: WDON is reset by MCU reset.
DTON is always reset in active mode.
If the TM or TMD instruction is executed for the inhibited bits or non-existing bits,
the value in ST becomes invalid.
Figure 3 Configuration of Interrupt Control Bits and Register Flag Areas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com