| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD404019RFS bảng dữ liệu(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404019RFS bảng dữ liệu(HTML) 39 Page - Renesas Technology Corp |
|
39 / 65 page ![]() HD404019R Series 37 Stop Mode: Executing the STOP instruction brings the MCU into stop mode, in which the oscillator circuit and every function of the MCU stop. The stop mode may be cancelled by resetting the MCU. At this time, as shown in figure 20, reset input must be applied for at least t RC for oscillation to be stabilized. (Refer to the AC Characteristics table.) After the stop mode is cancelled, RAM retains the state it was in just before the MCU went into stop mode, but the accumulator, B register, W register, X/SPX registers, Y/SPY registers, carry flag, and serial data register will not retain their contents. Oscillator Internal clock RESET Stop mode STOP instruction execution tres ≥ tRC (stabilization time) tres Figure 20 Timing of Stop Mode Cancellation |