| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38049FDHKP bảng dữ liệu(PDF) 54 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38049FDHKP bảng dữ liệu(HTML) 54 Page - Renesas Technology Corp |
|
54 / 116 page ![]() Rev.1.01 Jan 25, 2005 page 54 of 114 REJ03B0131-0101Z 3804 Group (Spec. H) Fig. 47 Structure of PWM control register Fig. 48 PWM output timing when PWM register or PWM prescaler is changed PWM control register (PWMCON : address 002B16) PWM function enable bit Count source selection bit Not used (return “0” when read) b7 b0 0: PWM disabled 1: PWM enabled 0: f(XIN) 1: f(XIN)/2 A B C B T C T2 = PWM output PWM register write signal PWM prescaler write signal (Changes “H” term from “A” to “B”.) (Changes PWM period from “T” to “T2”.) When the contents of the PWM register or PWM prescaler have changed, the PWM output will change from the next period after the change. T T T2 |