| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M62320FP bảng dữ liệu(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M62320FP bảng dữ liệu(HTML) 9 Page - Renesas Technology Corp |
|
9 / 11 page ![]() M62320P/FP REJ03D0863-0300 Rev.3.00 Mar 25, 2008 Page 9 of 10 Typical Application VDD 10 µF CS2 CS1 CS0 SCL D7 MCU GND D6 D5 D4 D3 D2 D1 D0 SDA SO 3 2 16 15 14 13 4 5 6 7 9 10 11 12 1 10 Parallel input/ output terminal Serial data output Chip select data Precaution for Use • Purchase of Renesas’s I2C components conveys a license under the Philips I2C Patent Rights to use these components an I 2C system, provided that the system conforms to I2C Standard Specification as defined by Philips. |