| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38046F4HKP bảng dữ liệu(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38046F4HKP bảng dữ liệu(HTML) 10 Page - Renesas Technology Corp |
|
10 / 116 page ![]() Rev.1.01 Jan 25, 2005 page 10 of 114 REJ03B0131-0101Z 3804 Group (Spec. H) Fig. 8 Structure of CPU mode register [CPU Mode Register (CPUM)] 003B16 The CPU mode register contains the stack page selection bit, etc. The CPU mode register is allocated at address 003B16. CPU mode register (CPUM : address 003B16) b7 b0 Fix this bit to “1”. Stack page selection bit 0 : 0 page 1 : 1 page Processor mode bits b1 b0 0 0 : Single-chip mode 0 1 : 1 0 : Not available 1 1 : Port XC switch bit 0 : I/O port function (stop oscillating) 1 : XCIN–XCOUT oscillating function Main clock (XIN–XOUT) stop bit 0 : Oscillating 1 : Stopped Main clock division ratio selection bits b7 b6 0 0 : φ = f(XIN)/2 (high-speed mode) 0 1 : φ = f(XIN)/8 (middle-speed mode) 1 0 : φ = f(XCIN)/2 (low-speed mode) 1 1 : Not available 1 |