| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38261EDFS bảng dữ liệu(PDF) 54 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38261EDFS bảng dữ liệu(HTML) 54 Page - Renesas Technology Corp |
|
54 / 91 page ![]() Rev.1.00 Sep 06, 2006 page 54 of 88 REJ03B0181-0100 3826 Group (One Time PROM version) Fig. 59 Oscillator circuit Fig. 60 External clock input circuit CLOCK GENERATING CIRCUIT The 3826 group has two built-in oscillation circuits: main clock XIN-XOUT oscillation circuit and sub-clock XCIN-XCOUT oscillation circuit. An oscillation circuit can be formed by connecting an oscil- lator between XIN and XOUT (XCIN and XCOUT). Use the circuit constants in accordance with the oscillator manufacturer’s recom- mended values. A feed-back resistor exists on-chip (An external feed-back resistor may be needed depending on conditions.). However, an external feed-back resistor is needed between XCIN and XCOUT since a resistor does not exist between them. To supply a clock signal externally, input it to the XIN pin and make the XOUT pin open. The sub-clock oscillation circuit cannot directly input clocks that are externally generated. Accordingly, be sure to cause an external oscillator to oscillate. Immediately after poweron, only the XIN oscillation circuit starts oscillating, and XCIN and XCOUT pins go to high-impedance state. Frequency Control (1) Middle-speed mode The clock input to the XIN pin is divided by 8 and it is used as the system clock φ. After reset, this mode is selected. (2) High-speed mode The clock input to the XIN pin is divided by 2 and it is used as the system clock φ. (3) Low-speed mode •The clock input to the XCIN pin is divided by 2 and it is used as the system clock φ. •A low-power consumption operation can be realized by stopping the main clock in this mode. To stop the main clock, set the main clock stop bit of the CPU mode register to “1”. When the main clock is restarted, after setting the main clock stop bit to “0”, set enough time for oscillation to stabilize by pro- gram. Note: If you switch the mode between middle/high-speed and low- speed, stabilize both XIN and XCIN oscillations. The suffi- cient time is required for the sub clock to stabilize, espe- cially immediately after poweron and at returning from stop mode. When switching the mode between middle/high- speed and low-speed, set the frequency in the condition that f(XIN) > 3•f(XCIN). Oscillation Control (1) Stop mode If the STP instruction is executed, the system clock φ stops at an “H” level, and main and sub clock oscillators stop. In this time, values set previously to timer 1 latch and timer 2 latch are loaded automatically to timer 1 and timer 2. Before the STP instruction, set the values to generate the wait time required for oscillation stabilization to timer 1 latch and timer 2 latch (low-order 8 bits are set to timer 1, high-order 8 bits are set to timer 2). Either f(XIN) or f(XCIN) divided by 16 is input to timer 1 as count source, and the output of timer 1 is connected to timer 2. The bits of the timer 123 mode register except bit 4 are set to “0”. Set the timer 1 and timer 2 interrupt enable bits to “0” before ex- ecuting the STP instruction. Oscillation restarts at reset or when an external interrupt is re- ceived, but the system clock φ is not supplied to the CPU until timer 2 underflows. This allows time for the clock circuit oscillation to stabilize when a ceramic resonator is used. (2) Wait mode If the WIT instruction is executed, only the system clock φ stops at an “H” state. The states of main clock and sub clock are the same as the state before the executing the WIT instruction, and oscilla- tion does not stop. Since supply of internal clock φ is started im- mediately after the interrupt is received, the instruction can be ex- ecuted immediately. XCIN CIN COUT CCIN CCOUT Rf Rd XCOUT XIN XOUT Notes : Insert a damping resistor if required. The resistance will vary depending on the oscillator and the oscillation drive capacity setting. Use the value recommended by the maker of the oscillator. Also, if the oscillator manufacturer's data sheet specifies that a feedback resistor be added external to the chip though a feedback resistor exists on-chip, insert a feedback resistor between XIN and XOUT following the instruction. Rd (Note) XIN XOUT External oscillation circuit Open VCC VSS CCIN CCOUT Rf Rd XCIN XCOUT |