công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38266ECFS bảng dữ liệu(PDF) 76 Page - Renesas Technology Corp

tên linh kiện M38266ECFS
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38266ECFS bảng dữ liệu(HTML) 76 Page - Renesas Technology Corp

Back Button M38266ECFS Datasheet HTML 72Page - Renesas Technology Corp M38266ECFS Datasheet HTML 73Page - Renesas Technology Corp M38266ECFS Datasheet HTML 74Page - Renesas Technology Corp M38266ECFS Datasheet HTML 75Page - Renesas Technology Corp M38266ECFS Datasheet HTML 76Page - Renesas Technology Corp M38266ECFS Datasheet HTML 77Page - Renesas Technology Corp M38266ECFS Datasheet HTML 78Page - Renesas Technology Corp M38266ECFS Datasheet HTML 79Page - Renesas Technology Corp M38266ECFS Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 76 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
Set the interrupt request bit to “0” (no interrupt issued)
↓
NOP (one or more instructions)
↓
Execute the BBC or BBS instruction
Fig. 3.3.6 Sequence of check of interrupt request bit
■ Reason
If the BBC or BBS instruction is executed immediately after an interrupt request bit of an
interrupt request register is cleared to “0”, the value of the interrupt request bit before being
cleared to “0” is read.
(3)
Check of interrupt request bit
When executing the BBC or BBS instruction to an interrupt request bit of an interrupt request
register immediately after this bit is set to “0”, take the following sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91