| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38265ECFS bảng dữ liệu(PDF) 89 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38265ECFS bảng dữ liệu(HTML) 89 Page - Renesas Technology Corp |
|
89 / 91 page ![]() REVISION HISTORY Rev. Date Description Page Summary 3826 Group (One Time PROM version) Datasheet A - 1 1.00 Sep 06, 2006 First edition issued This datasheet describes only 3826 Group One Time PROM version (60K version of ROM). The change point from past 3826 Group datasheet (MEJ02B0083-0102Z) is de- scribed to the revision history as your information though it is a first edition. Improvement term union of sentence expressions. Terms are united. (Union terms: A/D converter, D/A converter, serial interface, etc.) Package type: 100P6S-A → PRQP0100JB-A, 100P6Q-A → PLQP0100KB-A DESCRIPTION: Revised for One Time PROM and EPROM vertions. FEATURES: Power source voltage, power dissipation reviced and 10-bit A/D mode added. APPLICATIONS: cordless phone, wireless application, household appliances, added Fig. 2 and Fig.3 Pin configurations: One Time PROM version name described. Fig. 4 Part numbering: Description for RAM size added. Fig. 5 Memory expansion plan: One Time PROM and EPROM versions added. Table 3 Support products: One Time PROM and EPROM versions added. Fig. 10 SFR: 001416: Reserved area → AD convertion low-order register (ADL) 003516: AD conversion register (AD) → AD conversion high-order register (ADH) Fig. 11 Structure of port P0 direction register, port P1 direction register added. Fig. 12 Structure of port P3 output control register added Fig. 21 Structure of key input control register added ● Serial I/O2 Operating: added A/D CONVERTER: AD → ADH, ADL Fig. 38 Structure of A/D converter-related registers: added. Fig. 39 Read of AD conversion register: added. Fig. 40 A/D converter block diagram: AD convertion register → ADL, ADH Fig. 45 Equivalent connection circuit of D/A converter added. Fig. 48 Example of circuit at each bias revised. Fig. 56 Example of reset circuit revised. Fig. 58 AD conversion low-order register (001416) added. CLOCK GENERATING CIRCUIT: Underline part changed and ( ) added A feed-back resistor exists on-chip (An external feed-back resistor may be needed depending on conditions.). However, an external feed-back resistor is needed be- tween XCIN and XCOUT since a resistor does not exist between them. Fig. 59 Oscillator circuit: Rd and note added Fig. 61 Clock generating circuit block diagram: note 2 added Fig. 62d State transitions of system clock: revised – – – – 1 2 6 7 13 14 25 35 38 39 43 46 52 53 54 55 56 |