| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38260EBFS bảng dữ liệu(PDF) 70 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38260EBFS bảng dữ liệu(HTML) 70 Page - Renesas Technology Corp |
|
70 / 91 page ![]() Rev.1.00 Sep 06, 2006 page 70 of 88 REJ03B0181-0100 3826 Group (One Time PROM version) Fig. 3.3.1 Initialization of processor status register ➁ How to reference the processor status register To reference the contents of the processor status register (PS), execute the PHP instruction once then read the contents of (S+1). If necessary, execute the PLP instruction to return the PS to its original status. 3.3 Notes on use 3.3.1 Notes on programming (1) Processor status register ➀ Initializing of processor status register Flags which affect program execution must be initialized after a reset. In particular, it is essential to initialize the T and D flags because they have an important effect on calculations. ● Reason After a reset, the contents of the processor status register (PS) are undefined except for the I flag which is “1”. Fig. 3.3.3 Stack memory contents after PHP instruction execution Reset ↓ Initializing of flags ↓ Main program (S) (S)+1 Stored PS |