| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38263EDGP bảng dữ liệu(PDF) 19 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38263EDGP bảng dữ liệu(HTML) 19 Page - Renesas Technology Corp |
|
19 / 91 page ![]() Rev.1.00 Sep 06, 2006 page 19 of 88 REJ03B0181-0100 3826 Group (One Time PROM version) Fig. 15 Port block diagram (2) (6) Port P45 (7) Port P46 (8) Port P47 (9) Ports P52,P53 (10) Ports P50,P51 PWM function enable bit PWM output (11) Port P54 Pulse output mode Timer output CNTR0 interrupt input Pull-up control Direction register Data bus Port latch Serial I/O1 output P45/TxD P-channel output disable bit Serial I/O1 enable bit Transmit enable bit Serial I/O1 clock output Direction register Data bus Port latch Pull-up control Serial I/O1 enable bit Serial I/O1 clock input Serial I/O1 synchronous clock selection bit Serial I/O1 mode selection bit Serial I/O1 enable bit Pull-up control Serial I/O1 mode selection bit Serial I/O1 enable bit SRDY1 output enable bit Direction register Data bus Port latch Serial I/O1 ready output Direction register Data bus Port latch Pull-up control Real time port control bit Real time port data Pull-up control Direction register Data bus Port latch Pull-up control Direction register Data bus Port latch |