| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R8C/15 bảng dữ liệu(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/15 bảng dữ liệu(HTML) 1 Page - Renesas Technology Corp |
|
1 / 40 page ![]() Rev.2.00 Jan 30, 2006 Page 1 of 37 REJ03B0102-0200 1. Overview This MCU is built using the high-performance silicon gate CMOS process using a R8C/Tiny Series CPU core and is packaged in a 20-pin plastic molded LSSOP. This MCU operates using sophisticated instructions featuring a high level of instruction efficiency. With 1 Mbyte of address space, it is capable of executing instructions at high speed. Furthermore, the data flash ROM (1KB × 2blocks) is embedded in the R8C/15 group. The difference between R8C/14 and R8C/15 groups is only the existence of the data flash ROM. Their peripheral functions are the same. 1.1 Applications Electric household appliance, office equipment, housing equipment (sensor, security), general industrial equipment, audio, etc. R8C/14 Group, R8C/15 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER REJ03B0102-0200 Rev.2.00 Jan 30, 2006 |
Số phần tương tự - R8C/15 |
|
Mô tả tương tự - R8C/15 |