| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M35075-XXXFP bảng dữ liệu(PDF) 34 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M35075-XXXFP bảng dữ liệu(HTML) 34 Page - Renesas Technology Corp |
|
34 / 45 page ![]() Rev.1.10 Feb 13, 2006 page 34 of 44 REJ03B0180-0110 M35075-XXXFP (2) Data input (Sequence) (a) Addresses are consists of 16 bits. (b) Data is consists of 16 bits. (c) Addresses and data are communicated in 8-bit units. Input the lower 8 bits before the upper 8 bits. Make input from the MSB side. (d) After the start state has been attained and the control byte (7CH) received, the next 16 bits (2 bytes) are for inputting the address. Addresses are increased in increments for every 16 bits (2 bytes) of data input thereafter. As a result, it is not necessary to input the address from the second data. Note:During external synchronous , do not stop the external clock input from the TCK pin while inputting data. Fig.27 Data input sequence ACK* (Acknowledge) : Output the acknowledge signal whenever one byte input after the start state. Output the acknowledge signal and recieve the data thereafter when match the slave address (7CH). S T A R T S P M S B A C K A C K A C K A C K A C K A C K L S B M S B L S B M S B L S B M S B L S B M S B L S B S T O P Control byte (7 CH) Lower address (N) Upper address (N) Lower data (N) Upper data (N) lower data (N + 1) SDA * |