| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M306V2EEFS bảng dữ liệu(PDF) 226 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M306V2EEFS bảng dữ liệu(HTML) 226 Page - Renesas Technology Corp |
|
226 / 271 page ![]() Rev.1.40 Oct 06, 2004 page 226 of 269 M306V2ME-XXXFP, M306V2EEFP Figure 2.16.47 Top border control register Top border control register b7 b6 b5 b4 b3 b2 b1 b0 (b15) b7 (b8) b0 b6 b5 b4 b3 b2 b1 Symbol Address When reset TBR 020D16, 020C16 Indeterminate Bit symbol TBR_9 to TBR_0 Top border control bits Bit name Function R W Top border position = TH ✕ n (n: setting value, TH: HSYNC cycle) Nothing is assined. In an attempt to write to this bit, write “0.” The value, if read, turns out to be indeterminate. Notes 1 : Do not set TBR ≤ “00116,” TBR ≥ “40016.” 2 : Set as TBR < BBR. Figure 2.16.48 Bottom border control register Bottom border control register b7 b6 b5 b4 b3 b2 b1 b0 (b15) b7 (b8) b0 b6 b5 b4 b3 b2 b1 Symbol Address When reset BBR 020F16, 020E16 Indeterminate Bit symbol BBR_9 to BBR_0 Bottom border control bits Bit name Function R W Bottom border position = TH ✕ n (n: setting value, TH: HSYNC cycle) Nothing is assined. In an attempt to write to this bit, write “0.” The value, if read, turns out to be indeterminate. Notes 1 : Do not set BBR ≥ “40016.” 2 : Set as TBR < BBR. |