| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M306V2EEFS bảng dữ liệu(PDF) 223 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M306V2EEFS bảng dữ liệu(HTML) 223 Page - Renesas Technology Corp |
|
223 / 271 page ![]() Rev.1.40 Oct 06, 2004 page 223 of 269 M306V2ME-XXXFP, M306V2EEFP Figure 2.16.43 SPRITE horizontal position register Figure 2.16.44 SPRITE vertical position register i (i = 1, 2) SPRITE vertical position register i b7 b6 b5 b4 b3 b2 b1 b0 (b15) b7 (b8) b0 b6 b5 b4 b3 b2 b1 Symbol Address When reset VS1 027516, 027416 Indeterminate VS2 027716, 027616 Indeterminate Bit symbol VSi9 to VSi0 Vertical display start position control bits of SPRITE font i (i = 1, 2) Bit name Function R W Vertical display start position = TH ✕ n (n: setting value, TH: HSYNC cycle) Nothing is assined. In an attempt to write to this bit, write “0.” The value, if read, turns out to be indeterminate. Note : Do not set VSi = “00016,” VSi ≥ “40016” (i = 1, 2). SPRITE horizontal position register b7 b6 b5 b4 b3 b2 b1 b0 (b15) b7 (b8) b0 b6 b5 b4 b3 b2 b1 Symbol Address When reset HS 027916, 027816 Indeterminate Bit symbol HS10 to HS0 Horizontal display start position control bits of SPRITE font Bit name Function R W Horizontal display start position = 2TOSC ✕ n (n: setting value, TOSC: OSD oscillation cycle) Nothing is assined. In an attempt to write to this bit, write “0.” The value, if read, turns out to be indeterminate. Note : Do not set HS ≤ “00316,” HS ≥ “80016.” |