công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M306H7FGFP bảng dữ liệu(PDF) 9 Page - Renesas Technology Corp

tên linh kiện M306H7FGFP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306H7FGFP bảng dữ liệu(HTML) 9 Page - Renesas Technology Corp

Back Button M306H7FGFP Datasheet HTML 5Page - Renesas Technology Corp M306H7FGFP Datasheet HTML 6Page - Renesas Technology Corp M306H7FGFP Datasheet HTML 7Page - Renesas Technology Corp M306H7FGFP Datasheet HTML 8Page - Renesas Technology Corp M306H7FGFP Datasheet HTML 9Page - Renesas Technology Corp M306H7FGFP Datasheet HTML 10Page - Renesas Technology Corp M306H7FGFP Datasheet HTML 11Page - Renesas Technology Corp M306H7FGFP Datasheet HTML 12Page - Renesas Technology Corp M306H7FGFP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 329 page
background image
Rev.2.10
Oct 25, 2006
Page 9 of 326
REJ03B0152-0210
M306H7MG-XXXFP/MC-XXXFP/FGFP
1.DESCRIPTION
Table 1.5
Pin Description (3)
P86,
P87,
P85
P90 to P97
VDD2, VSS2
CVIN
SYNCIN
STARTB
LP3
LP4
VCC OFF
M1
TEST1
I/O port P86
I/O port P87
I/O port P85
I/O port P9
Power supply
input
Composite video
signal input 1
Composite video
signal input 2
Oscillation
selection input
Filter output 2
Filter output 3
VCC1 Power supply
input select
Mode selection
input (M1 input)
Test input
Input/output
Input/output
Input
Input/output
Input
Input
Input
output
output
Input
Input
Input
VCC2 (P85
to P87)
VCC2
VCC2
VCC2
VCC2
VDD2
VDD2
VCC2
VCC2
VCC2
P86 and P87 that when selected in a program, both can function as I/O
pins for sub clock oscillation circuit. In that case, connect crystal
resonator between P86 (XCOUT pin) and P87 (XCIN pin).
P85 is an input-only port shared with NMI. NMI interrupt is generated
when input on this pin changes state from high to low.
NMI function cannot be disabled in a program. Pull-up resistor cannot
be set for this pin.
This is an 8-bit I/O port equivalent to P0. Pins in this port also function
as SI/O3 and SI/O4 of I/O pins, Timer B0 to B4 input pins, A/D
converter input pins, A/D trigger input pins, or remote control input pins
as selected by program.
Analog power supply pin. Apply the same potential as VCC2 to the
VDD2 pin. Apply 0 V to the VSS2 pin.
This pin inputs the external composite video signal. Data-acquisition
slices this signal internally by setting.
This pin inputs the external composite video signal. Sync.-separate
circuit devides this signal internally.
This pin selects the oscillation circuit. XIN-XOUT circuit is selected when
this pin is "L"; XCIN-XCOUT circuit is selected when this pin is "H".
This is a filter output pin 2 (for VPS).
This is a filter output pin 3 (for PDC).
Normally, please input "L" level. When VCC1 power supply is off, please
input "H" level.
Connect it to the VSS.In the mask ROM version, connect this pin to the
VSS or the VCC2.
This is a test pin. Connect a capacitor.
Pin name
Signal name
I/O type
Power supply
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com