| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
6V7 bảng dữ liệu(PDF) 102 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
6V7 bảng dữ liệu(HTML) 102 Page - Renesas Technology Corp |
|
102 / 298 page ![]() Rev.1.00 May 18, 2004 page 102 of 296 M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP Figure 2.11.2 Block diagram of UART0 transmit/receive unit SP SP PAR 2SP 1SP UART UART (7 bits) UART (8 bits) UART (7 bits) UART (9 bits) Clock synchronous type Clock synchronous type TxD0 UART0 transmit register PAR enabled PAR disabled D8 D7 D6 D5 D4 D3 D2 D1 D0 SP: Stop bit PAR: Parity bit UART0 transmit buffer register MSB/LSB conversion circuit UART (8 bits) UART (9 bits) Clock synchronous type UART0 receive buffer register UARTi receive register 2SP 1SP PAR enabled PAR disabled UART UART (7 bits) UART (9 bits) Clock synchronous type Clock synchronous type UART (7 bits) UART (8 bits) RxD0 Clock synchronous type UART (8 bits) UART (9 bits) Address 03A616 Address 03A716 Address 03A216 Address 03A316 Data bus low-order bits MSB/LSB conversion circuit D7 D6 D5 D4 D3 D2 D1 D0 D8 0000 000 SP SP PAR “0” Data bus high-order bits |