công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2SC2735JTL-E bảng dữ liệu(PDF) 7 Page - Renesas Technology Corp

tên linh kiện 2SC2735JTL-E
Giải thích chi tiết về linh kiện  Silicon NPN Epitaxial
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2735JTL-E bảng dữ liệu(HTML) 7 Page - Renesas Technology Corp

  2SC2735JTL-E Datasheet HTML 1Page - Renesas Technology Corp 2SC2735JTL-E Datasheet HTML 2Page - Renesas Technology Corp 2SC2735JTL-E Datasheet HTML 3Page - Renesas Technology Corp 2SC2735JTL-E Datasheet HTML 4Page - Renesas Technology Corp 2SC2735JTL-E Datasheet HTML 5Page - Renesas Technology Corp 2SC2735JTL-E Datasheet HTML 6Page - Renesas Technology Corp 2SC2735JTL-E Datasheet HTML 7Page - Renesas Technology Corp 2SC2735JTL-E Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2SC2735
Rev.2.00 Aug 10, 2005 page 7 of 7
Package Dimensions
D
e
A
AA
b
xS
A
M
EHE
A
A2
A1
S
b
A-A Section
b1
c1
c
Qc
L
L1
LP
A3
Pattern of terminal position areas
I1
b2
e
e1
A
A1
A2
A3
b
b1
c
c1
D
E
e
HE
L
L1
LP
x
b2
e1
I1
Q
1.0
0
1.0
0.35
0.1
2.7
1.35
2.2
0.35
0.15
0.25
Min
Nom
Dimension in Millimeters
Reference
Symbol
Max
1.1
0.25
0.42
0.4
0.13
0.11
1.5
0.95
2.8
1.95
0.3
1.3
0.1
1.2
0.5
0.15
3.1
1.65
3.0
0.75
0.55
0.65
0.05
0.55
1.05
SC-59A
0.011g
MASS[Typ.]
MPAK(T) / MPAK(T)V,
MPAK / MPAKV
PLSP0003ZB-A
RENESAS Code
JEITA Package Code
Package Name
Ordering Information
Part Name
Quantity
Shipping Container
2SC2735JTL-E
3000
φ 178 mm Reel, 8 mm Emboss Taping
Note:
For some grades, production may be terminated. Please contact the Renesas sales office to check the state of
production before ordering the product.



Html Pages

1 2 3 4 5 6 7 8