| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD74LS273P bảng dữ liệu(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS273P bảng dữ liệu(HTML) 1 Page - Renesas Technology Corp |
|
1 / 7 page ![]() Rev.3.00, Jul.15.2005, page 1 of 6 HD74LS273 Octal D-type Positive-edge-triggered Flip-Flops (with Clear) REJ03D0473–0300 Rev.3.00 Jul.15.2005 The HD74LS273, positive-edge-triggered flip-flops utilize LS TTL circuitry to implement D-type flip-flop logic with a direct clear input. Information at the D inputs meeting the setup time requirements is transferred to the Q outputs on the positive-going edge of the clock pulse. When the clock input is at either the high or low level, the D input signal has no effect at the output. Features • Ordering Information Part Name Package Type Package Code (Previous Code) Package Abbreviation Taping Abbreviation (Quantity) HD74LS273P DILP-20 pin PRDP0020AC-B (DP-20NEV) P — HD74LS273FPEL SOP-20 pin (JEITA) PRSP0020DD-B (FP-20DAV) FP EL (2,000 pcs/reel) HD74LS273RPEL SOP-20 pin (JEDEC) PRSP0020DC-A (FP-20DBV) RP EL (1,000 pcs/reel) Note: Please consult the sales office for the above package availability. Pin Arrangement (Top view) VCC GND Clear 1Q 1D 2D 2Q 3Q 3D 4D 4Q 8Q 7D 8D 7Q 6D 6Q 5D Clock 5Q 20 17 18 19 15 16 1 2 3 4 5 6 7 14 8 9 10 11 12 13 Q DCK Clear Q DCK Clear Q D CK Clear Q D CK Clear Q DCK Clear Q DCK Clear Q D CK Clear Q D CK Clear |
Số phần tương tự - HD74LS273P |
|
Mô tả tương tự - HD74LS273P |