| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD74LS259 bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS259 bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp |
|
2 / 8 page ![]() HD74LS259 Rev.2.00, Feb.18.2005, page 2 of 7 Pin Arrangement (Top view) VCC GND 15 16 1 2 3 4 5 6 7 14 8 9 10 11 12 13 A B Q3 Q4 Q2 Q0 C CLR Q5 Q6 D G A B C Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 Data Input Enable Clear Q1 Q7 Outputs Outputs Latch Select Function Table Input CLR G Output of addressed latch Each other output Function H L D Qio Addressable latch H H Qio Qio Memory L L D L 8-line demultiplexer L H L L Clear Select inputs C B A Latch addressed L L L 0 L L H 1 L H L 2 L H H 3 H L L 4 H L H 5 H H L 6 H H H 7 Notes: 1. H; high level, L; low level 2. D; the level at the data input 3. Oio; the level of Qi (i = 0, 1, … 7, as appropriate) before the indicated steady state input conditions were established. |