| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD74LS253 bảng dữ liệu(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS253 bảng dữ liệu(HTML) 1 Page - Renesas Technology Corp |
|
1 / 6 page ![]() Rev.3.00, Jul.15.2005, page 1 of 5 HD74LS253 Dual 4-line-to-1-line Data Selectors / Multiplexers (with three-state outputs) REJ03D0468–0300 Rev.3.00 Jul.15.2005 This data selector / multiplexer contains inverters and drivers to supply fully complementary, on-ship, binary decoding data selection to AND-OR gates. Separate output control inputs are provided for each of the two four-line sections. The three-state outputs can interface with and drive data lines of bus-organized systems. With all but one of the common outputs disabled (at high- impedance state) the low-impedance of the single enabled output will drive the bus line to a high or low logic level. Features • Ordering Information Part Name Package Type Package Code (Previous Code) Package Abbreviation Taping Abbreviation (Quantity) HD74LS253P DILP-16 pin PRDP0016AE-B (DP-16FV) P — HD74LS253FPEL SOP-16 pin (JEITA) PRSP0016DH-B (FP-16DAV) FP EL (2,000 pcs/reel) Note: Please consult the sales office for the above package availability. Pin Arrangement (Top view) VCC GND Output Control Select B 1C3 1C2 1C1 1C0 Output 1Y 2G Select A 2C2 2C3 2C1 2C0 2Y Output 15 16 1 2 3 4 5 6 7 14 8 9 10 11 12 13 1G 2G 1C2 A 1C3 1C1 1C0 1Y 2C2 A AA BB BB 2C3 2C1 2C0 2Y Data Inputs Data Inputs 1G Output Control |
Số phần tương tự - HD74LS253 |
|
Mô tả tương tự - HD74LS253 |